Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8610 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8610 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin Number
Name
Function
1
RINN
Negative differential audio input for right channel
2
RINP
Positive differential audio input for right channel
3AVDD
5V Analog VDD
4
VREF
Analog reference for gain control section
5
VOLUME
DC voltage that sets the gain of the amplifier
6REFGND
Ground for gain control circuitry. Connect to AGND. If using a DAC to control the
volume, connect the DAC ground to this terminal.
7
AGND1
Analog GND
8
FADE
Input for controlling volume ramp rate when cycling SD or during power-up. A
logic low on this pin places the amplifier in fade mode. A logic high on this pin
allows a quick transition to the desired volume setting.
9
LINP
Positive differential audio input for left channel
10
LINN
Negative differential audio input for left channel
11,20
PGNDL
Power ground for left channel H-bridge
12,19
PVCCL
Power supply for left channel H-bridge, not connected to PVCCR or AVCC.
13,14
LOUTN
Class-D 1/2-H-bridge negative output for left channel
15
BSLN
Bootstrap I/O for left channel, negative high-side FET
16
BSLP
Bootstrap I/O for left channel, positive high-side FET
17,18
LOUTP
Class-D 1/2-H-bridge positive output for left channel
21
VCLAMPL
Internally generated voltage supply for left channel bootstrap capacitors.
22
COSC
I/O for charge/discharging currents onto capacitor for ramp generator triangle
wave biased at V2P5
23
ROSC
Current setting resistor for ramp generator. Nominally equal to 1/8*VCC
24,28
AGND
Analog GND
25
MUTE
A logic high on this pin disables the outputs and a logic low enables the outputs.
26
AVCC
High-voltage analog power supply (7V to 15V)
27
V2P5
2.5V Reference for analog cells, as well as reference for unused audio input
when using single-ended inputs.
29
SD
Shutdown signal for IC (low= shutdown, high =operational). TTL logic levels with
compliance to VCC.
30
VCLAMPR Internally generated voltage supply for right channel bootstrap capacitors.
31,40
PGNDR
Power ground for right channel H-bridge
32,39
PVCCR
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
33,34
ROUTP
Class-D 1/2-H-bridge positive output for right channel
35
BSRP
Bootstrap I/O for right channel, positive high-side FET
36
BSRN
Bootstrap I/O for right channel, negative high-side FET
37,38
ROUTN
Class-D 1/2-H-bridge negative output for right channel
Pin Descriptions
4
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com