Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8610 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8610 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Table 1. DC Volume Control
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Note:
Volume: DC voltage on Volume pin
Rf: Internal pre-amplifier feedback resistance
Ri: Internal pre-amplifier input resistance
Calculation Gain=20log (5XRf/Ri), there is one dB tolerance from device to device.
Step
Volume
Gain (dB)
Rf (kΩ)
Ri (kΩ)
1
0.0
-75
0.40
200.00
2
0.1
-40
1.26
199.60
3
0.2
-30
3.92
198.74
4
0.3
-20
11.90
196.08
5
0.4
-10
20.22
188.10
6
0.5
-5
33.33
179.78
7
0.6
0
52.47
166.67
8
0.7
5
77.49
147.53
9
0.8
10
83.02
122.51
10
0.9
11
88.65
116.98
11
1.0
12
94.37
111.35
12
1.1
13
100.12
105.63
13
1.2
14
105.87
99.88
14
1.3
15
111.58
94.13
15
1.4
16
117.21
88.42
16
1.5
17
122.74
82.79
17
1.6
18
128.12
77.26
18
1.7
19
133.33
71.88
19
1.8
20
138.35
66.67
20
1.9
21
143.15
61.65
21
2.0
22
147.71
56.85
22
2.1
23
152.04
52.29
23
2.2
24
156.11
47.96
24
2.3
25
159.92
43.89
25
2.4
26
163.49
40.08
26
2.5
27
166.80
36.51
27
2.6
28
169.86
33.20
28
2.7
29
172.69
30.14
29
2.8
30
175.30
27.31
30
2.9
31
177.68
24.70
31
3.0
32
179.87
22.32
32
3.1
33
200.00
20.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com