Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0196 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0196
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0196 Datasheet HTML 4Page - STMicroelectronics STV0196 Datasheet HTML 5Page - STMicroelectronics STV0196 Datasheet HTML 6Page - STMicroelectronics STV0196 Datasheet HTML 7Page - STMicroelectronics STV0196 Datasheet HTML 8Page - STMicroelectronics STV0196 Datasheet HTML 9Page - STMicroelectronics STV0196 Datasheet HTML 10Page - STMicroelectronics STV0196 Datasheet HTML 11Page - STMicroelectronics STV0196 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
The natural frequency and the damping factor may be calculated by the following formulas :
fn
=
ωn
2
π =
Fs
2
π √
β K0 Kd
where
β is programmed by the timing register
:
β= 2beta_tmg.
K0 is the constant of the VCO
: K0 =
∆f
2
26 .
Kd is the phase detector ; its value depends on
the roll-off value and on the power of the signal.
:Kd = 0.977m
2 (in Mode A),
or Kd = 0.564m
2 (in Mode B).
where m is the programmed reference level
(see AGC part), reset value : m = 24
Fs is the symbol frequency,
∆f is the half range of the VCO
Therefore fn
= 19.2 10−6 ⋅ m ⋅ Fs ⋅
√
∆f2beta_tmg (Mode A)
or
fn
= 14.6 10−6 ⋅ m ⋅ Fs ⋅
√
∆f2beta_tmg (Mode B)
The damping factor is :
ξ= α
2 √

K0Kd
β
with
α= 2 alpha_tmg + 12
or
ξ=
0.247
⋅ m ⋅√∆f ⋅ 2 alpha_tmg
√
2
beta_tmg
(Mode A) or
ξ=
0.188
⋅ m ⋅√∆f ⋅ 2alpha_tmg
√
2
beta_tmg
(Mode B).
beta_tmg can only take value from 0 to 9 ; if beta_tmg = 0, the loop becomes a first order one.
alpha_tmg can take any value from 1 to 6 ; if both alpha_tmg and beta_tmg are null, the loop is open ; the
duty cycle of the CLKREC output is controlled by writting the timing frequency register.
The next curve shows the natural frequency for a symbol frequency of 20Mbd, in Mode A, with nominal
reference level m = 24 as a function of the VCO relative frequency half range
∆f, for different values of the
register value beta_tmg.
The followingchart gives the value of the damping factor as a function of the VCO relative range, for different
combinations of alpha_tmg and beta_tmg, noticing that the damping factor only depends on the value of
α
√β
or (2 . alpha_tmg - beta_tmg ).
FUNCTIONAL DESCRIPTION (continued)
STV0196B
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com