Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0196 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0196
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0196 Datasheet HTML 8Page - STMicroelectronics STV0196 Datasheet HTML 9Page - STMicroelectronics STV0196 Datasheet HTML 10Page - STMicroelectronics STV0196 Datasheet HTML 11Page - STMicroelectronics STV0196 Datasheet HTML 12Page - STMicroelectronics STV0196 Datasheet HTML 13Page - STMicroelectronics STV0196 Datasheet HTML 14Page - STMicroelectronics STV0196 Datasheet HTML 15Page - STMicroelectronics STV0196 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
IX - VITERBI DECODER AND SYNCHRONIZATION (continued)
FUNCTIONAL DESCRIPTION (continued)
Other Registers
VSEARCH
Internal Address : Hex06
A/M
F
SN [1..0]
TO [1..0]
H [1..0]
A/M
: Automatic/manual
F
: Freeze
SN [1..0] : Averaging period. It gives the number of
bits required to calculate the rate error :
SN [1..0]
Number of bits
00
1.024
01
4.096
10
16.384
11
65.536
Reset Value : SN=01 (4096 bits)
The SN[1..0] bits also inpacts the C/N
indicator (see paragraph VII).
TO [1..0] : Time out value. It programs the
maximum durationof the synchro word
research in automatic mode; if no sync
is found within this duration, the phase
is incremented.
TO [1..0]
Time out
(in 1024 bit periods)
00
16
01
32
10
64
11
128
Reset Value : TO=10 (64K bit periods).
H [1..0]
: Hysteresis value. It programs the
maximum value of the Sync counter.
Th e uni t is t he bl oc k dur at i o n
(204 bytes in Mode A).
H [1..0]
Sync Counter max value
(in blocks periods)
00
forbidden value
01
32
10
64
11
128
Reset Value : H=01 (32 blocks).
In Mode A, the sync word is 47hex and it is com-
plemented to B8hex for every 8th block.
An Up/Down Sync counter counts whenever a sync
word is recognized with the good timing, and
counts down for each missing sync word ; this
counter is bounded by a programmable maximum
value; when this value is reached, the LK bit
(”locked”) is set in VSTATUS register; when the
event counter counts down until 0, this flag is reset.
VSEARCH bit 7 (A/M) and bit 6 (F) programs the
automatic/manual(or computer aided) search mode :
- if A/M =0 and F=0 : automatic mode; successive
enabled punctured rates are tried with all possible
phases, until the system is locked and the block
synchro found ; this is the default (reset) mode.
- if A/M=0 and F=1, the current puncture rate is
frozen, if no sync is found, the phase is incre-
mented, but not the rate number; this mode al-
lows to shorten the recovery time in case of noisy
conditions: the puncture rate is not supposed to
change in a given channel.
In a typical computer aided implementation, the re-
search begins in automatic mode; the micro reads
the error rate or the PRF flag in order to detect the
captureof a signal; thenit switches F to 1, until a new
channel is requested by the remote control.
- if AM=1 : manual mode; in this case, only one
puncture rate should be validated, the system is
forced to this rate, on the current phase, ignoring the
time-out registerandtheerror rate;in this mode, each
0 to 1 transition of the bit F leads to a phase incre-
mentation, allowing full control of the operation by an
external micro by choosing the lowest error rate :
ResetValue: A/M=0, andF=0;automaticsearchmode
VERROR (Read only register)
Internal Address : Hex07
ERROR RATE
At any time, the last value of the error rate may be
read in this register (unlike VTH, the possible range
is 0 to 255/256).
VSTATUS (Read only register)
Internal Address : Hex08
CF
0
0
PRF
LK
PR [2..0]
CF
: Carrier Found flag (see carrier recovery)
CF when set, indicates that a QPSK
signal is present at the input of the
Viterbi decoder.
PRF
: Puncture Rate Found
P RF indicat es t he sta te of th e
pu n ct ure rat e re search : 0 fo r
searching, 1 when found ; this bit is
irrelevant in manual mode.
LK
: Locked/searchingthe sync word
LK indicates the state of the sync word
research: 0 for searching, 1 when found.
PR [2..0] : Current Puncture Rate
It hold the current puncture rate indice
with the correspondance :
Punctured Rate
Regiter Value PR[2..0]
Basic 1/2
100
Punctured 2/3
000
Punctured 3/4
001
Punctured 5/6
010
Punctured 7/8 (Mode A)
or 6/7 (Mode B)
011
STV0196B
12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com