Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0196 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0196
Description  QPSK/BPSK DEMODULATOR AND FEC IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0196 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0196 Datasheet HTML 6Page - STMicroelectronics STV0196 Datasheet HTML 7Page - STMicroelectronics STV0196 Datasheet HTML 8Page - STMicroelectronics STV0196 Datasheet HTML 9Page - STMicroelectronics STV0196 Datasheet HTML 10Page - STMicroelectronics STV0196 Datasheet HTML 11Page - STMicroelectronics STV0196 Datasheet HTML 12Page - STMicroelectronics STV0196 Datasheet HTML 13Page - STMicroelectronics STV0196 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
V - CARRIER RECOVERY ; DEROTATOR
The input of the circuit is a pair of demodulated
signals ; however, there may subsist some phase
error not corrected by the front end loop.
Furthermore, the demodulation may be done at
constant frequency; the tuner is trimmed in order
to make the useful signal bandwidth centered on
this demodulation frequency ; in that case, a carrier
offset frequencymay subsist; it is fixed by the mean
of the on-chip derotator which acts as a fine tuning
carrier loop.
The derotator frequency range is limited to an
interval corresponding to
±Fs/16.
V.1 - Loop Parameters
Like the timing loop, the carrier loop is a second
order system where two parameters
α and β may
be programmed respectively with alpha_car and
beta_car.
Carrier Loop Parameter Registers
Internal Address : Hex0E
10100011
alpha_carrier
beta_carrier
Derotator Frequency Register
Internal Address : Hex0F
Signed number
This 8 bit R/W register may be written at any time
to force the central frequency of the derotator to
start the carrier research, or read, when the loop is
locked,in order to know the current carrier offset
(one LSB correspond to Fs/2048).
V.2 - Loop Equations
The natural pulsation is :
ωn = 10−3 ⋅ fs
√
m
⋅ 2beta_car
and the damping factor is :
ξ= 0.128 ⋅ 2alpha_car
√
m
2
beta_car
.
where m is the reference value (see AGC registers).
The next table gives for the nominal amplitude
m = 24 the natural period (in symbols), and the
damping factor for the possible values of alpha_car.
As an example, the corresponding natural frequency
is given assuming a symbol frequency of 20MBauds.
The shaded area correspond to the reset values.
beta_car
(reg. value)
0
1
2
3
45
67
Tn =2
π/ωn
(symb per)
NA
907
642
454
321
227
160
113
fn (kHz) for
F = 20Mbd
22
31
44
62
88
125
177
alpha_car
(reg. value)
Damping Factor
0
NANA
NA
NANA
NANANA
1
NA
0.89
0.63
0.44 0.31 0.22 0.16 0.11
2
NA
1.77
1.25
0.89 0.63 0.44 0.31 0.22
3
NA
3.54
2.51
1.77 1.25 0.89 0.63 0.44
4
NA
7.09
5.01
3.54 2.51 1.77 1.25 0.89
5
NA 14.18 10.03 7.09 5.01 3.54 2.51 1.77
VI - CARRIER OFFSET EVALUATOR
An 8 bit register may be read at any time; it gives
a signed value proportionnal to the carrier fre-
quency offset according to the expression :
∆f = 1.8 . 10-6 .m2 .N . Fs (in mode A)
where Fs is the symbol frequency, m the symbol
module (AGC reference), N the read value.
The maximum value for N is reached in nominal
conditions for a carrier offset of 16% of Fs ;if
greater, N remains saturated, giving a reliable sign
indication over more than
±50% Fs range.
Carrier Offset Register
Internal Address : Hex10
Signed number
VI.1 - Lock Indicator
This 1 bit Carrier Found flag may be read (see
Viterbi Status register) at any time ; it indicates that
a QPSK signal is found, and that the carrier loop is
closed ; This flag allows to detect false lock that can
happen if the loop bandwidth is small regarding the
frequency offset.
VII - CARRIER TO NOISE INDICATOR
Internal Address : Hex14. Read only register.
b7
b6
b5
b4
b3
b2
b1
b0
This register can be used to estimate the carrier to
noise level (Eb/No) in a range from 4 to 16dB.
The register value dependson both the AGC refer-
ence level ”m” (see paragraph VIII) and the control
bits ”SN[1..0]” (see paragraph IX). For more details
about how to use this register, please refer to the
Annexe 1.
FUNCTIONAL DESCRIPTION (continued)
STV0196B
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com