Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 338Page - Renesas Technology Corp H8S/2426 Datasheet HTML 339Page - Renesas Technology Corp H8S/2426 Datasheet HTML 340Page - Renesas Technology Corp H8S/2426 Datasheet HTML 341Page - Renesas Technology Corp H8S/2426 Datasheet HTML 342Page - Renesas Technology Corp H8S/2426 Datasheet HTML 343Page - Renesas Technology Corp H8S/2426 Datasheet HTML 344Page - Renesas Technology Corp H8S/2426 Datasheet HTML 345Page - Renesas Technology Corp H8S/2426 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 314 of 1270
REJ09B0466-0100
(1)
Short Address Mode
The function of ETCR in sequential mode and idle mode differs from that in repeat mode.
In sequential mode and idle mode, ETCR functions as a 16-bit transfer counter. ETCR is
decremented by 1 each time a transfer is performed, and when the count reaches H'00, the DTE bit
in DMABCRL is cleared, and transfer ends.
In repeat mode, ETCRL functions as an 8-bit transfer counter and ETCRH functions as a transfer
count holding register. ETCRL is decremented by 1 each time a transfer is performed, and when
the count reaches H'00, ETCRL is loaded with the value in ETCRH. At this point, MAR is
automatically restored to the value it had when the count was started. The DTE bit in DMABCRL
is not cleared, and so transfers can be performed repeatedly until the DTE bit is cleared by the
user.
(2)
Full Address Mode
The function of ETCR in normal mode differs from that in block transfer mode.
In normal mode, ETCRA functions as a 16-bit transfer counter. ETCRA is decremented by 1 each
time a data transfer is performed, and transfer ends when the count reaches H'0000. ETCRB is not
used in normal mode.
In block transfer mode, ETCRA functions as an 8-bit block size counter (ETCRAL) and ETCRAH
functions as a block size holding register. ETCRAL is decremented by 1 each time a 1-byte or 1-
word transfer is performed, and when the count reaches H'00, ETCRAL is loaded with the value in
ETCRAH. So by setting the block size in ETCRAH and ETCRAL, it is possible to repeatedly
transfer blocks consisting of any desired number of bytes or words.
In block transfer mode, ETCRB functions as a 16-bit block transfer counter. ETCRB is
decremented by 1 each time a block is transferred, and transfer ends when the count reaches
H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com