Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 340Page - Renesas Technology Corp H8S/2426 Datasheet HTML 341Page - Renesas Technology Corp H8S/2426 Datasheet HTML 342Page - Renesas Technology Corp H8S/2426 Datasheet HTML 343Page - Renesas Technology Corp H8S/2426 Datasheet HTML 344Page - Renesas Technology Corp H8S/2426 Datasheet HTML 345Page - Renesas Technology Corp H8S/2426 Datasheet HTML 346Page - Renesas Technology Corp H8S/2426 Datasheet HTML 347Page - Renesas Technology Corp H8S/2426 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 316 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
RPE
0
R/W
Repeat Enable
Used in combination with the DTIE bit in DMABCR
to select the mode (sequential, idle, or repeat) in
which transfer is to be performed.
• When DTIE = 0 (no transfer end interrupt)
0: Transfer in sequential mode
1: Transfer in repeat mode
• When DTIE = 1 (with transfer end interrupt)
0: Transfer in sequential mode
1: Transfer in idle mode
4
DTDIR
0
R/W
Data Transfer Direction
Used in combination with the SAE bit in DMABCR
to specify the data transfer direction (source or
destination). The function of this bit is therefore
different in dual address mode and single address
mode.
• When SAE = 0
0: Transfer with MAR as source address and IOAR
as destination address
1: Transfer with IOAR as source address and MAR
as destination address
• When SAE = 1
0: Transfer with MAR as source address and
DACK pin as write strobe
1: Transfer with
DACK pin as read strobe and MAR
as destination address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com