Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 389Page - Renesas Technology Corp H8S/2426 Datasheet HTML 390Page - Renesas Technology Corp H8S/2426 Datasheet HTML 391Page - Renesas Technology Corp H8S/2426 Datasheet HTML 392Page - Renesas Technology Corp H8S/2426 Datasheet HTML 393Page - Renesas Technology Corp H8S/2426 Datasheet HTML 394Page - Renesas Technology Corp H8S/2426 Datasheet HTML 395Page - Renesas Technology Corp H8S/2426 Datasheet HTML 396Page - Renesas Technology Corp H8S/2426 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 365 of 1270
REJ09B0466-0100
7.5.8
Basic Bus Cycles
An example of the basic DMAC bus cycle timing is shown in figure 7.17. In this example, word-
size transfer is performed from 16-bit, 2-state access space to 8-bit, 3-state access space. When
the bus is transferred from the CPU to the DMAC, a source address read and destination address
write are performed. The bus is not released in response to another bus request, etc., between
these read and write operations. As like CPU cycles, DMA cycles conform to the bus controller
settings.
The address is not output to the external address bus in an access to on-chip memory or an internal
I/O register.
Address bus
φ
DMAC cycle (1-word transfer)
RD
LWR
HWR
Source
address
Destination address
CPU cycle
CPU cycle
T1
T2
T3
T1
T2
T3
T1
T2
Figure 7.17 Example of DMA Transfer Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com