| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 397 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 397 Page - Renesas Technology Corp |
|
397 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 369 of 1270 REJ09B0466-0100 (4) Full Address Mode (Block Transfer Mode) Figure 7.21 shows a transfer example in which TEND output is enabled and word-size full address mode transfer (block transfer mode) is performed from internal 16-bit, 1-state access space to external 16-bit, 2-state access space. DMA read Address bus φ RD LWR TEND HWR Bus release Block transfer Last block transfer DMA write DMA read DMA write DMA dead DMA read DMA write DMA read DMA write DMA dead Bus release Bus release Figure 7.21 Example of Full Address Mode Transfer (Block Transfer Mode) A one-block transfer is performed for a single transfer request, and after the transfer the bus is released. While the bus is released, one or more bus cycles are executed by the CPU or DTC. In the transfer end cycle of each block (the cycle in which the transfer counter reaches 0), a one- state DMA dead cycle is inserted after the DMA write cycle. Even if an NMI interrupt is generated during data transfer, block transfer operation is not affected until data transfer for one block has ended. (5) DREQ Pin Falling Edge Activation Timing Set the DTA bit in DMABCRH to 1 for the channel for which the DREQ pin is selected. Figure 7.22 shows an example of normal mode transfer activated by the DREQ pin falling edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |