| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 418 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 418 Page - Renesas Technology Corp |
|
418 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 390 of 1270 REJ09B0466-0100 (3) Write Data Buffer Function When the WDBE bit of BCR in the bus controller is set to 1, enabling the write data buffer function, dual address transfer external write cycles or single address transfers and internal accesses (on-chip memory or internal I/O registers) are executed in parallel. • Write data buffer function and DMAC register setting If the setting of a register that controls external accesses is changed during execution of an external access by means of the write data buffer function, the external access may not be performed normally. Registers that control external accesses should only be manipulated when external reads, etc., are used with DMAC operation disabled, and the operation is not performed in parallel with external access. • Write data buffer function and next DMAC operation The DMAC can start its next operation during external access using the write data buffer function. Consequently, the DREQ pin sampling timing, TEND output timing, etc., are different from the case in which the write data buffer function is disabled. Also, internal bus cycles maybe hidden, and not visible. (4) TEND Output If the last transfer cycle is for an internal address, note that even if low-level output at the TEND pin has been set, a low level may not be output at the TEND pin under the following external bus conditions since the last transfer cycle (internal bus cycle) and the external bus cycle are executed in parallel. 1. EXDMAC cycle 2. Write cycle with write buffer mode enabled 3. DMAC single address cycle for a different channel with write buffer mode enabled 4. Bus release cycle 5. CBR refresh cycle Figure 7.41 shows an example in which a low level is not output from the TEND pin in case 2 above. If the last transfer cycle is an external address cycle, a low level is output at the TEND pin in synchronization with the bus cycle. However, if the last transfer cycle and a CBR refresh occur simultaneously, note that although the CBR refresh and the last transfer cycle may be executed consecutively, TEND may also go low in this case for the refresh cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |