Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 415Page - Renesas Technology Corp H8S/2426 Datasheet HTML 416Page - Renesas Technology Corp H8S/2426 Datasheet HTML 417Page - Renesas Technology Corp H8S/2426 Datasheet HTML 418Page - Renesas Technology Corp H8S/2426 Datasheet HTML 419Page - Renesas Technology Corp H8S/2426 Datasheet HTML 420Page - Renesas Technology Corp H8S/2426 Datasheet HTML 421Page - Renesas Technology Corp H8S/2426 Datasheet HTML 422Page - Renesas Technology Corp H8S/2426 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 391 of 1270
REJ09B0466-0100
Internal address
φ
Internal read signal
External address
HWR, LWR
Internal write signal
TEND
Not output
DMA
read
External write by CPU, etc.
DMA
write
Figure 7.41 Example in which Low Level Is Not Output at
TEND Pin
(5)
Activation by Falling Edge on
DREQ Pin
DREQ pin falling edge detection is performed in synchronization with DMAC internal operations.
The operation is as follows:
[1] Activation request wait state: Waits for detection of a low level on the
DREQ pin, and
switches to [2].
[2] Transfer wait state: Waits for DMAC data transfer to become possible, and switches to [3].
[3] Activation request disabled state: Waits for detection of a high level on the
DREQ pin, and
switches to [1].
After DMAC transfer is enabled, a transition is made to [1]. Thus, initial activation after transfer
is enabled is performed on detection of a low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com