Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 431Page - Renesas Technology Corp H8S/2426 Datasheet HTML 432Page - Renesas Technology Corp H8S/2426 Datasheet HTML 433Page - Renesas Technology Corp H8S/2426 Datasheet HTML 434Page - Renesas Technology Corp H8S/2426 Datasheet HTML 435Page - Renesas Technology Corp H8S/2426 Datasheet HTML 436Page - Renesas Technology Corp H8S/2426 Datasheet HTML 437Page - Renesas Technology Corp H8S/2426 Datasheet HTML 438Page - Renesas Technology Corp H8S/2426 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 407 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
3
2
1
0
DARA4
DARA3
DARA2
DARA1
DARA0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
Destination Address Repeat Area
These bits specify the destination address
(EDDAR) repeat area. The repeat area function
updates the specified lower address bits, leaving
the remaining upper address bits always the
same. A repeat area size of 2 bytes to 8 Mbytes
can be specified. The setting interval is a power-
of-two number of bytes. When repeat area
overflow results from incrementing or
decrementing an address, the lower address is the
start address of the repeat area in the case of
address incrementing, or the last address of the
repeat area in the case of address decrementing.
If the DARIE bit is set to 1, an interrupt can be
requested when repeat area overflow occurs.
00000: Not designated as repeat area
00001: Lower 1 bit (2-byte area) designated as
repeat area
00010: Lower 2 bits (4-byte area) designated as
repeat area
00011: Lower 3 bits (8-byte area) designated as
repeat area
00100: Lower 4 bits (16-byte area) designated as
repeat area
:
:
10011: Lower 19 bits (512-Kbyte area) designated
as repeat area
10100: Lower 20 bits (1-Mbyte area) designated
as repeat area
10101: Lower 21 bits (2-Mbyte area) designated
as repeat area
10110: Lower 22 bits (4-Mbyte area) designated
as repeat area
10111: Lower 23 bits (8-Mbyte area) designated
as repeat area
11
×××: Setting prohibited
Legend:
×: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com