Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 434Page - Renesas Technology Corp H8S/2426 Datasheet HTML 435Page - Renesas Technology Corp H8S/2426 Datasheet HTML 436Page - Renesas Technology Corp H8S/2426 Datasheet HTML 437Page - Renesas Technology Corp H8S/2426 Datasheet HTML 438Page - Renesas Technology Corp H8S/2426 Datasheet HTML 439Page - Renesas Technology Corp H8S/2426 Datasheet HTML 440Page - Renesas Technology Corp H8S/2426 Datasheet HTML 441Page - Renesas Technology Corp H8S/2426 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 410 of 1270
REJ09B0466-0100
Address bus
φ
RD
WR
ETEND
EXDMA
read cycle
EXDMA
write cycle
EDSAR
EDDAR
Figure 8.2 Example of Timing in Dual Address Mode
(2)
Single Address Mode
In single address mode, the
EDACK signal is used instead of the source or destination address
register to transfer data directly between an external device and external memory. In this mode,
the EXDMAC accesses the transfer source or transfer destination external device by outputting the
external I/O strobe signal (
EDACK), and at the same time accesses the other external device in the
transfer by outputting an address. In this way, DMA transfer can be executed in one bus cycle. In
the example of transfer between external memory and an external device with DACK shown in
figure 8.3, data is output to the data bus by the external device and written to external memory in
the same bus cycle.
The transfer direction, that is whether the external device with DACK is the transfer source or
transfer destination, can be specified with the SDIR bit in EDMDR. Transfer is performed from
the external memory (EDSAR) to the external device with DACK when SDIR = 0, and from the
external device with DACK to the external memory (EDDAR) when SDIR = 1.
The setting in the source or destination address register not used in the transfer is ignored.
The
EDACK pin becomes valid automatically when single address mode is selected. The EDACK
pin is active-low.
ETEND pin output can be enabled or disabled by means of the ETENDE bit in
EDMDR.
ETEND is output for one bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com