| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 451 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 451 Page - Renesas Technology Corp |
|
451 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 423 of 1270 REJ09B0466-0100 Figure 8.11 shows EDTCR update operations in normal transfer mode and block transfer mode. 23 0 0 EDTCR Fixed 23 0 0 Before update After update 23 0 1 to H'FFFFFF EDTCR –1 23 0 0 to H'FFFFFE EDTCR EDTCR in normal transfer mode EDTCR in block transfer mode Fixed Before update After update 23 15 0 16 1 to H'FFFF Block size EDTCR –1 23 15 0 16 0 Block size 23 15 0 16 0 to H'FFFE Block size 23 15 0 16 0 Block size Figure 8.11 EDTCR Update Operations in Normal Transfer Mode and Block Transfer Mode (4) EDA Bit in EDMDR The EDA bit in EDMDR is written to by the CPU to control enabling and disabling of data transfer, but may be cleared automatically by the EXDMAC due to the DMA transfer status. There are also periods during transfer when a 0-write to the EDA bit by the CPU is not immediately effective. Conditions for EDA bit clearing by the EXDMAC include the following: • When the EDTCR value changes from 1 to 0, and transfer ends • When a repeat area overflow interrupt is requested, and transfer ends • When an NMI interrupt is generated, and transfer halts • A reset • Hardware standby mode • When 0 is written to the EDA bit, and transfer halts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |