Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 450Page - Renesas Technology Corp H8S/2426 Datasheet HTML 451Page - Renesas Technology Corp H8S/2426 Datasheet HTML 452Page - Renesas Technology Corp H8S/2426 Datasheet HTML 453Page - Renesas Technology Corp H8S/2426 Datasheet HTML 454Page - Renesas Technology Corp H8S/2426 Datasheet HTML 455Page - Renesas Technology Corp H8S/2426 Datasheet HTML 456Page - Renesas Technology Corp H8S/2426 Datasheet HTML 457Page - Renesas Technology Corp H8S/2426 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 426 of 1270
REJ09B0466-0100
(1)
Transfer Requests from Multiple Channels (Except Auto Request Cycle Steal Mode)
If transfer requests for different channels are issued during a transfer operation, the highest-
priority channel (excluding the currently transferring channel) is selected. The selected channel
begins transfer after the currently transferring channel releases the bus. If there is a bus request
from a bus master other than the EXDMAC at this time, a cycle for the other bus master is
initiated. If there is no other bus request, the bus is released for one cycle.
Channel switching does not take place during a burst transfer or a block transfer of a single block.
Figure 8.13 shows a case in which transfer requests for channels 2 and 3 are issued
simultaneously. The example shown in the figure illustrates the handling of external requests in
the cycle steal mode.
Channel 2 transfer
φ
Idle
Bus
release
Address bus
EXDMA control
Channel 3 transfer
Channel 2
Channel 3
Channel 2
Request
held
Selected
Channel 3
Request cleared
Request cleared
Bus
release
Channel 2
Channel 3
Figure 8.13 Example of Channel Priority Timing
(2)
Transfer Requests from Multiple Channels in Auto Request Cycle Steal Mode
If transfer requests for different channels are issued during a transfer in auto request cycle steal
mode, the operation depends on the channel priority. If the channel that made the transfer request
is of higher priority than the channel currently performing transfer, the channel that made the
transfer request is selected.
If the channel that made the transfer request is of lower priority than the channel currently
performing transfer, that channel’s transfer request is held pending, and the currently transferring
channel remains selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com