Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 497 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 493Page - Renesas Technology Corp H8S/2426 Datasheet HTML 494Page - Renesas Technology Corp H8S/2426 Datasheet HTML 495Page - Renesas Technology Corp H8S/2426 Datasheet HTML 496Page - Renesas Technology Corp H8S/2426 Datasheet HTML 497Page - Renesas Technology Corp H8S/2426 Datasheet HTML 498Page - Renesas Technology Corp H8S/2426 Datasheet HTML 499Page - Renesas Technology Corp H8S/2426 Datasheet HTML 500Page - Renesas Technology Corp H8S/2426 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 469 of 1270
REJ09B0466-0100
9.3
Activation Sources
The DTC operates when activated by an interrupt or by a write to DTVECR or DTCCR by
software. An interrupt request can be directed to the CPU or DTC, as designated by the
corresponding DTCER bit. At the end of a data transfer (or the last consecutive transfer in the
case of chain transfer), the activation source or corresponding DTCER bit is cleared. The
activation source flag, in the case of RXI0, for example, is the RDRF flag of SCI_0.
When an interrupt has been designated a DTC activation source, existing CPU mask level and
interrupt controller priorities have no effect. If there is more than one activation source at the same
time, the DTC operates in accordance with the default priorities.
Table 9.1 shows a relationship between activation sources and DTCER clear conditions. Figure
9.2 shows a block diagram of activation source control. For details see section 5, Interrupt
Controller.
Table 9.1
Relationship between Activation Sources and DTCER Clearing
Activation Source
DISEL = 0 and Specified
Number of Transfers Has
Not Ended
DISEL = 1 or Specified Number
of Transfers Has Ended
Activation by software
SWDTE bit is cleared to 0
• SWDTE bit remains set to 1
• Interrupt request to CPU
Activation by an interrupt
• Corresponding DTCER bit
remains set to 1.
• Activation source flag is
cleared to 0.
• Corresponding DTCER bit is
cleared to 0.
• Activation source flag remains
set to 1.
• Interrupt that became the
activation source is requested
to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com