Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 495Page - Renesas Technology Corp H8S/2426 Datasheet HTML 496Page - Renesas Technology Corp H8S/2426 Datasheet HTML 497Page - Renesas Technology Corp H8S/2426 Datasheet HTML 498Page - Renesas Technology Corp H8S/2426 Datasheet HTML 499Page - Renesas Technology Corp H8S/2426 Datasheet HTML 500Page - Renesas Technology Corp H8S/2426 Datasheet HTML 501Page - Renesas Technology Corp H8S/2426 Datasheet HTML 502Page - Renesas Technology Corp H8S/2426 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 471 of 1270
REJ09B0466-0100
9.4
Location of Register Information and DTC Vector Table
Locate the register information in the on-chip RAM (addresses: H'FFBC00 to H'FFBFFF).
Register information should be located at the address that is multiple of four within the range.
Locating the register information in address space is shown in figure 9.3. Locate the MRA, SAR,
MRB, DAR, CRA, and CRB registers, in that order, from the start address of the register
information. In the case of chain transfer, register information should be located in consecutive
areas as shown in figure 9.3 and the register information start address should be located at the
corresponding vector address to the activation source. Figure 9.4 shows correspondences between
the DTC vector address and register information. The DTC reads the start address of the register
information from the vector address set for each activation source, and then reads the register
information from that start address.
When the DTC is activated by software, the vector address is obtained from: H'0400 +
(DTVECR[7:0]
× 2). For example, if DTVECR is H'10, the vector address is H'0420.
The configuration of the vector address is the same in both normal* and advanced modes, a 2-byte
unit being used in both cases. These two bytes specify the lower bits of the register information
start address.
Note: * Not available in this LSI.
MRA
Start address of
register information
Register information
Register information
for second transfer
in case of chain
transfer
Chain transfer
Lower addresses
Four bytes
0123
SAR
MRB
DAR
CRA
CRB
MRA
SAR
MRB
DAR
CRA
CRB
Figure 9.3 Correspondence between DTC Vector Address and Register Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com