Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 503Page - Renesas Technology Corp H8S/2426 Datasheet HTML 504Page - Renesas Technology Corp H8S/2426 Datasheet HTML 505Page - Renesas Technology Corp H8S/2426 Datasheet HTML 506Page - Renesas Technology Corp H8S/2426 Datasheet HTML 507Page - Renesas Technology Corp H8S/2426 Datasheet HTML 508Page - Renesas Technology Corp H8S/2426 Datasheet HTML 509Page - Renesas Technology Corp H8S/2426 Datasheet HTML 510Page - Renesas Technology Corp H8S/2426 Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 479 of 1270
REJ09B0466-0100
9.5.2
Repeat Mode
In repeat mode, one operation transfers one byte or one word of data. Table 9.5 lists the register
function in repeat mode. From 1 to 256 transfers can be specified. Once the specified number of
transfers has ended, the initial state of the transfer counter and the address register specified as the
repeat area is restored, and transfer is repeated. In repeat mode the transfer counter value does not
reach H'00, and therefore CPU interrupts cannot be requested when DISEL = 0.
Table 9.5
Register Function in Repeat Mode
Name
Abbreviation
Function
DTC source address register
SAR
Designates source address
DTC destination address register
DAR
Designates destination address
DTC transfer count register AH
CRAH
Holds number of transfers
DTC transfer count register AL
CRAL
Designates transfer count
DTC transfer count register B
CRB
Not used
SAR
or
DAR
DAR
or
SAR
Repeat area
Transfer
Figure 9.7 Memory Mapping in Repeat Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com