Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 505Page - Renesas Technology Corp H8S/2426 Datasheet HTML 506Page - Renesas Technology Corp H8S/2426 Datasheet HTML 507Page - Renesas Technology Corp H8S/2426 Datasheet HTML 508Page - Renesas Technology Corp H8S/2426 Datasheet HTML 509Page - Renesas Technology Corp H8S/2426 Datasheet HTML 510Page - Renesas Technology Corp H8S/2426 Datasheet HTML 511Page - Renesas Technology Corp H8S/2426 Datasheet HTML 512Page - Renesas Technology Corp H8S/2426 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 481 of 1270
REJ09B0466-0100
9.5.4
Chain Transfer
Setting the CHNE bit to 1 enables a number of data transfers to be performed consecutively in
response to a single transfer request. SAR, DAR, CRA, CRB, MRA, and MRB, which define data
transfers, can be set independently.
Figure 9.9 shows the operation of chain transfer. When activated, the DTC reads the register
information start address stored at the vector address, and then reads the first register information
at that start address. The CHNE bit in MRB is checked after the end of data transfer, if the value is
1, the next register information, which is located consecutively, is read and transfer is performed.
This operation is repeated until the end of data transfer of register information with CHNE = 0. It
is also possible, by setting both the CHNE bit and CHNS bit to 1, to specify execution of chain
transfer only when the transfer counter value is 0.
In the case of transfer with CHNE set to 1, an interrupt request to the CPU is not generated at the
end of the specified number of transfers or by setting of the DISEL bit to 1, and the interrupt
source flag for the activation source is not affected.
DTC vector
address
Register information
CHNE=1
Register information
CHNE=0
Register information
start address
Source
Destination
Source
Destination
Figure 9.9 Operation of Chain Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com