| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 763 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 763 Page - Renesas Technology Corp |
|
763 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 735 of 1270 REJ09B0466-0100 11.4.4 Cascaded Operation In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit counter. This function works by counting the channel 1 (channel 4, channel 7, or channel 10) counter clock at overflow/underflow of TCNT_2 (TCNT_5, TCNT_8, or TCNT_11) as set in bits TPSC2 to TPSC0 in TCR. Underflow occurs only when the lower 16-bit TCNT is in phase-counting mode. Table 11.30 shows the register combinations used in cascaded operation. Note: When phase counting mode is set for channel 1 or 4, the counter clock setting is invalid and the counter operates independently in phase counting mode. Table 11.30 Cascaded Combinations Combination Upper 16 Bits Lower 16 Bits Channels 1 and 2 TCNT_1 TCNT_2 Channels 4 and 5 TCNT_4 TCNT_5 Channels 7 and 8 TCNT_7 TCNT_8 Channels 10 and 11 TCNT_10 TCNT_11 (1) Example of Cascaded Operation Setting Procedure Figure 11.18 shows an example of the setting procedure for cascaded operation. Cascaded operation Set cascading Start count <Cascaded operation> Set bits TPSC2 to TPSC0 in the channel 1 (channel 4) TCR to B'1111 to select TCNT_2 (TCNT_5) overflow/underflow counting. Set the CST bit in TSTR for the upper and lower channel to 1 to start the count operation. [1] [2] [1] [2] Figure 11.18 Cascaded Operation Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |