Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 764 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 764 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 760Page - Renesas Technology Corp H8S/2426 Datasheet HTML 761Page - Renesas Technology Corp H8S/2426 Datasheet HTML 762Page - Renesas Technology Corp H8S/2426 Datasheet HTML 763Page - Renesas Technology Corp H8S/2426 Datasheet HTML 764Page - Renesas Technology Corp H8S/2426 Datasheet HTML 765Page - Renesas Technology Corp H8S/2426 Datasheet HTML 766Page - Renesas Technology Corp H8S/2426 Datasheet HTML 767Page - Renesas Technology Corp H8S/2426 Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 736 of 1270
REJ09B0466-0100
(2)
Examples of Cascaded Operation
Figure 11.19 illustrates the operation when counting upon TCNT_2 overflow/underflow has been
set for TCNT_1, TGRA_1 and TGRA_2 have been designated as input capture registers, and the
TIOC pin rising edge has been selected.
When a rising edge is input to the TIOCA1 and TIOCA2 pins simultaneously, the upper 16 bits of
the 32-bit data are transferred to TGRA_1, and the lower 16 bits to TGRA_2.
TCNT_2
clock
TCNT_2
H'FFFF
H'0000
H'0001
TIOCA1,
TIOCA2
TGRA_1
H'03A2
TGRA_2
H'0000
TCNT_1
clock
TCNT_1
H'03A1
H'03A2
Figure 11.19 Example of Cascaded Operation (1)
Figure 11.20 illustrates the operation when counting upon TCNT_2 overflow/underflow has been
set for TCNT_1, and phase counting mode has been designated for channel 2.
TCNT_1 is incremented by TCNT_2 overflow and decremented by TCNT_2 underflow.
TCLKC
TCNT_2
FFFD
TCNT_1
0001
TCLKD
FFFE
FFFF
0000
0001
0002
0001
0000
FFFF
0000
0000
Figure 11.20 Example of Cascaded Operation (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com