Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 805 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 805 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 801Page - Renesas Technology Corp H8S/2426 Datasheet HTML 802Page - Renesas Technology Corp H8S/2426 Datasheet HTML 803Page - Renesas Technology Corp H8S/2426 Datasheet HTML 804Page - Renesas Technology Corp H8S/2426 Datasheet HTML 805Page - Renesas Technology Corp H8S/2426 Datasheet HTML 806Page - Renesas Technology Corp H8S/2426 Datasheet HTML 807Page - Renesas Technology Corp H8S/2426 Datasheet HTML 808Page - Renesas Technology Corp H8S/2426 Datasheet HTML 809Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 805 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 777 of 1270
REJ09B0466-0100
12.3.2
Output Data Registers H, L (PODRH, PODRL)
PODRH and PODRL store output data for use in pulse output. A bit that has been set for pulse
output by NDER is read-only and cannot be modified.
• PODRH
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
POD15
POD14
POD13
POD12
POD11
POD10
POD9
POD8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Data Register 15 to 8
For bits which have been set to pulse output by
NDERH, the output trigger transfers NDRH values
to this register during PPG operation. While
NDERH is set to 1, the CPU cannot write to this
register. While NDERH is cleared, the initial output
value of the pulse can be set.
• PODRL
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
POD7
POD6
POD5
POD4
POD3
POD2
POD1
POD0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Data Register 7 to 0
For bits which have been set to pulse output by
NDERL, the output trigger transfers NDRL values
to this register during PPG operation. While
NDERL is set to 1, the CPU cannot write to this
register. While NDERL is cleared, the initial output
value of the pulse can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com