| Electronic Components Datasheet Search |
|
H8S/2426 Datasheet(PDF) 806 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 806 Page - Renesas Technology Corp |
|
806 / 1302 page ![]() Section 12 Programmable Pulse Generator (PPG) Rev. 1.00 Sep. 19, 2008 Page 778 of 1270 REJ09B0466-0100 12.3.3 Next Data Registers H, L (NDRH, NDRL) NDRH, NDRL store the next data for pulse output. The NDR addresses differ depending on whether pulse output groups have the same output trigger or different output triggers. • NDRH (NDRHH, NDRHL)* If pulse output groups 2 and 3 have the same output trigger, all eight bits are mapped to the same address and can be accessed at one time, as shown below. Note: * When pulse output groups 2 and 3 have the same output trigger by PCR settings, the NDRH address is H ′FF4C. When they have different output triggers, the NDRH addresses corresponding to the groups 2 and 3 are NDRHH (H ′FF4E) and NDRHL (H ′FF4C), respectively. Also, when pulse output groups 0 and 1 have the same output trigger by PCR settings, the NDRL address is NDRLH (H ′FF4D). When they have different output triggers, the NDRL addresses corresponding to the groups 0 and 1 are NDRLL (H ′FF4F) and H′FF4D, respectively. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 NDR15 NDR14 NDR13 NDR12 NDR11 NDR10 NDR9 NDR8 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Next Data Register 15 to 8 The register contents are transferred to the corresponding PODRH bits by the output trigger specified with PCR. If pulse output groups 2 and 3 have different output triggers, upper 4 bits and lower 4 bits are mapped to the different addresses as shown below. Bit Bit Name Initial Value R/W Description 7 6 5 4 NDR15 NDR14 NDR13 NDR12 0 0 0 0 R/W R/W R/W R/W Next Data Register 15 to 12 The register contents are transferred to the corresponding PODRH bits by the output trigger specified with PCR. 3 to 0 — All 1 — Reserved 1 is always read and write is disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |