Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 823 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 823 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 819Page - Renesas Technology Corp H8S/2426 Datasheet HTML 820Page - Renesas Technology Corp H8S/2426 Datasheet HTML 821Page - Renesas Technology Corp H8S/2426 Datasheet HTML 822Page - Renesas Technology Corp H8S/2426 Datasheet HTML 823Page - Renesas Technology Corp H8S/2426 Datasheet HTML 824Page - Renesas Technology Corp H8S/2426 Datasheet HTML 825Page - Renesas Technology Corp H8S/2426 Datasheet HTML 826Page - Renesas Technology Corp H8S/2426 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 795 of 1270
REJ09B0466-0100
12.5
Usage Notes
12.5.1
Module Stop Mode Setting
PPG operation can be disabled or enabled using the module stop control register. The initial value
is for PPG operation to be halted. Register access is enabled by clearing module stop mode. For
details, refer to section 24, Power-Down Modes.
12.5.2
Operation of Pulse Output Pins
Pins PO0 to PO15 are also used for other peripheral functions such as the TPU. When output by
another peripheral function is enabled, the corresponding pins cannot be used for pulse output.
Note, however, that data transfer from NDR bits to PODR bits takes place, regardless of the usage
of the pins.
Pin functions should be changed only under conditions in which the output trigger event will not
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com