Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 821Page - Renesas Technology Corp H8S/2426 Datasheet HTML 822Page - Renesas Technology Corp H8S/2426 Datasheet HTML 823Page - Renesas Technology Corp H8S/2426 Datasheet HTML 824Page - Renesas Technology Corp H8S/2426 Datasheet HTML 825Page - Renesas Technology Corp H8S/2426 Datasheet HTML 826Page - Renesas Technology Corp H8S/2426 Datasheet HTML 827Page - Renesas Technology Corp H8S/2426 Datasheet HTML 828Page - Renesas Technology Corp H8S/2426 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 797 of 1270
REJ09B0466-0100
Section 13 8-Bit Timers (TMR)
This LSI has an on-chip 8-bit timer module with two channels operating on the basis of an 8-bit
counter. The 8-bit timer module can be used to count external events and be used as a
multifunction timer in a variety of applications, such as generation of counter reset, interrupt
requests, and pulse output with an arbitrary duty cycle using a compare-match signal with two
registers.
13.1
Features
• Selection of seven clock sources
The counters can be driven by one of six internal clock signals (
φ/8, φ/64, φ/8192, φ/2, φ/32, or
φ/1024) or an external clock input
• Selection of three ways to clear the counters
The counters can be cleared on compare match A or B, or by an external reset signal
• Timer output control by a combination of two compare match signals
The timer output signal in each channel is controlled by a combination of two independent
compare match signals, enabling the timer to generate output waveforms with an arbitrary duty
cycle or PWM output
• Provision for cascading of two channels (TMR_0 and TMR_1)
Operation as a 16-bit timer is possible, using TMR_0 for the upper 8 bits and TMR_1 for the
lower 8 bits (16-bit count mode)
TMR_1 can be used to count TMR_0 compare matches (compare match count mode)
• Three independent interrupts
Compare match A and B and overflow interrupts can be requested independently
• A/D converter conversion start trigger can be generated
Figure 13.1 shows a block diagram of the 8-bit timer module (TMR_0 and TMR_1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com