Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 862 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 862 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 858Page - Renesas Technology Corp H8S/2426 Datasheet HTML 859Page - Renesas Technology Corp H8S/2426 Datasheet HTML 860Page - Renesas Technology Corp H8S/2426 Datasheet HTML 861Page - Renesas Technology Corp H8S/2426 Datasheet HTML 862Page - Renesas Technology Corp H8S/2426 Datasheet HTML 863Page - Renesas Technology Corp H8S/2426 Datasheet HTML 864Page - Renesas Technology Corp H8S/2426 Datasheet HTML 865Page - Renesas Technology Corp H8S/2426 Datasheet HTML 866Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1302 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 834 of 1270
REJ09B0466-0100
14.6.5
Internal Reset in Watchdog Timer Mode
This LSI is not reset internally if TCNT overflows while the RSTE bit is cleared to 0 during
watchdog timer mode operation, but TCNT and TCSR of the WDT are reset.
TCNT, TCSR, and RSTCR cannot be written to while the
WDTOVF signal is low. Also note that
a read of the WOVF flag is not recognized during this period. To clear the WOVF flag, therefore,
read TCSR after the
WDTOVF signal goes high, then write 0 to the WOVF flag.
14.6.6
System Reset by
WDTOVF Signal
If the
WDTOVF output signal is input to the RES pin, the chip will not be initialized correctly.
Make sure that the
WDTOVF signal is not input logically to the RES pin.
To reset the entire system by means of the
WDTOVF signal, use the circuit shown in figure 14.6.
Reset input
Reset signal to entire system
This LSI
RES
WDTOVF
Figure 14.6 Circuit for System Reset by
WDTOVF Signal (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com