Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 866 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 866 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 862Page - Renesas Technology Corp H8S/2426 Datasheet HTML 863Page - Renesas Technology Corp H8S/2426 Datasheet HTML 864Page - Renesas Technology Corp H8S/2426 Datasheet HTML 865Page - Renesas Technology Corp H8S/2426 Datasheet HTML 866Page - Renesas Technology Corp H8S/2426 Datasheet HTML 867Page - Renesas Technology Corp H8S/2426 Datasheet HTML 868Page - Renesas Technology Corp H8S/2426 Datasheet HTML 869Page - Renesas Technology Corp H8S/2426 Datasheet HTML 870Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 838 of 1270
REJ09B0466-0100
15.2
Input/Output Pins
Table 15.1 shows the pin configuration of the serial communication interface.
Table 15.1
Pin Configuration
Channel
Pin Name*
I/O
Function
SCK0
I/O
Channel 0 clock input/output
RxD0/IrRxD
Input
Channel 0 receive data input (normal/IrDA)
0
TxD0/IrTxD
Output
Channel 0 transmit data output (normal/IrDA)
SCK1
I/O
Channel 1 clock input/output
RxD1
Input
Channel 1 receive data input
1
TxD1
Output
Channel 1 transmit data output
SCK2
I/O
Channel 2 clock input/output
RxD2
Input
Channel 2 receive data input
2
TxD2
Output
Channel 2 transmit data output
SCK3
I/O
Channel 3 clock input/output
RxD3
Input
Channel 3 receive data input
3
TxD3
Output
Channel 3 transmit data output
SCK4
I/O
Channel 4 clock input/output
RxD4
Input
Channel 4 receive data input
4
TxD4
Output
Channel 4 transmit data output
Note:
* Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the
channel designation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com