Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 973 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 973 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 969Page - Renesas Technology Corp H8S/2426 Datasheet HTML 970Page - Renesas Technology Corp H8S/2426 Datasheet HTML 971Page - Renesas Technology Corp H8S/2426 Datasheet HTML 972Page - Renesas Technology Corp H8S/2426 Datasheet HTML 973Page - Renesas Technology Corp H8S/2426 Datasheet HTML 974Page - Renesas Technology Corp H8S/2426 Datasheet HTML 975Page - Renesas Technology Corp H8S/2426 Datasheet HTML 976Page - Renesas Technology Corp H8S/2426 Datasheet HTML 977Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 973 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 945 of 1270
REJ09B0466-0100
16.4.5
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and transmit data, and the
slave device returns an acknowledge signal. The reception procedure and operations in slave
receive mode are described below.
1. Set the ICE bit in ICCRA to 1. Set the MLS and WAIT bits in ICMR and the CKS3 to CKS0
bits in ICCRA to 1. (Initial setting) Set the MST and TRS bits in ICCRA to select slave receive
mode, and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave device outputs the level specified by ACKBT in ICIER to SDA, at the rise of the 9th
clock pulse. At the same time, RDRF in ICSR is set to read ICDRR (dummy read) and RDRF
is cleared. (Since the read data show the slave address and R/
W, it is not used.)
3. Clear RDRF after reading ICDRR every time RDRF is set. If 8th receive clock pulse falls
while RDRF is 1, SCL is fixed low until ICDRR is read. The change of the acknowledge
before reading ICDRR, to be returned to the master device, is reflected to the next transmit
frame.
4. The last byte data is read by reading ICDRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com