Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 975 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 975 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 971Page - Renesas Technology Corp H8S/2426 Datasheet HTML 972Page - Renesas Technology Corp H8S/2426 Datasheet HTML 973Page - Renesas Technology Corp H8S/2426 Datasheet HTML 974Page - Renesas Technology Corp H8S/2426 Datasheet HTML 975Page - Renesas Technology Corp H8S/2426 Datasheet HTML 976Page - Renesas Technology Corp H8S/2426 Datasheet HTML 977Page - Renesas Technology Corp H8S/2426 Datasheet HTML 978Page - Renesas Technology Corp H8S/2426 Datasheet HTML 979Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1302 page
background image
Section 16 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 947 of 1270
REJ09B0466-0100
16.4.6
Noise Canceler
The logic levels at the SCL and SDA pins are routed through noise cancelers before being latched
internally. Figure 16.13 shows a block diagram of the noise canceler circuit.
The noise canceler consists of two cascaded latches and a match detector. The SCL (or SDA)
input signal is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches agree. If they do not agree, the previous value is held.
C
Q
D
March detector
Internal
SCL or SDA
signal
SCL or SDA
input signal
Sampling
clock
Sampling clock
System clock
period
Latch
Latch
C
Q
D
Figure 16.13 Block Diagram of Noise Canceler
16.4.7
Example of Use
Flowcharts in respective modes that use the I
2C bus interface are shown in figures 16.14 to 16.17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com