Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 104Page - Renesas Technology Corp H8S/2426 Datasheet HTML 105Page - Renesas Technology Corp H8S/2426 Datasheet HTML 106Page - Renesas Technology Corp H8S/2426 Datasheet HTML 107Page - Renesas Technology Corp H8S/2426 Datasheet HTML 108Page - Renesas Technology Corp H8S/2426 Datasheet HTML 109Page - Renesas Technology Corp H8S/2426 Datasheet HTML 110Page - Renesas Technology Corp H8S/2426 Datasheet HTML 111Page - Renesas Technology Corp H8S/2426 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 80 of 1270
REJ09B0466-0100
3.2
Register Descriptions
The following registers are related to operating mode setting.
•
Mode control register (MDCR)
•
System control register (SYSCR)
3.2.1
Mode Control Register (MDCR)
MDCR monitors the current operating mode of this LSI.
Bit
Bit Name
Initial Value
R/W
Descriptions
7 to 3
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
2
1
0
MDS2
MDS1
MDS0
*
*
*
R
R
R
Mode Select 2 to 0
These bits indicate the input levels at mode pins
MD2 to MD0 (the current operating mode). Bits
MDS2 to MDS0 correspond to pins MD2 to MD0,
respectively. These bits are read-only bits and so
they cannot be modified. The input levels of the
MD2 to MD0 pins are latched into these bits when
MDCR is read. These latches are canceled by a
reset.
Note:
*
Determined by the settings of pins MD2 to MD0.
3.2.2
System Control Register (SYSCR)
SYSCR selects saturation operation for the MAC instruction, controls CPU access to the flash
memory control registers, sets the external bus mode, and enables or disables on-chip RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com