Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 108Page - Renesas Technology Corp H8S/2426 Datasheet HTML 109Page - Renesas Technology Corp H8S/2426 Datasheet HTML 110Page - Renesas Technology Corp H8S/2426 Datasheet HTML 111Page - Renesas Technology Corp H8S/2426 Datasheet HTML 112Page - Renesas Technology Corp H8S/2426 Datasheet HTML 113Page - Renesas Technology Corp H8S/2426 Datasheet HTML 114Page - Renesas Technology Corp H8S/2426 Datasheet HTML 115Page - Renesas Technology Corp H8S/2426 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 84 of 1270
REJ09B0466-0100
3.3.6
Pin Functions
Table 3.2 shows the pin functions in each operating mode.
Table 3.2
Pin Functions in Each Operating Mode
Port
Mode 1
Mode 2
Mode 3
Mode 4
Mode 7
Port A
PA7 to PA5
P*/A
P*/A
P*/A
P*/A
P*/A
PA4 to PA0
A
A
Port B
A
A
P*/A
P*/A
P*/A
Port C
A
A
P*/A
P*/A
P*/A
Port D
D
D
P*/D
D
P*/D
Port E
P/D*
P*/D
P*/D
P*/D
P*/D
Port F
PF7, PF6
P/C*
P/C*
P*/C
P/C*
P*/C
PF5, PF4
C
C
C
PF3
P/C*
P/C*
P/C*
PF2 to PF0
P*/C
P*/C
P*/C
Port G
PG6 to PG1
P*/C
P*/C
P*/C
P*/C
P*/C
PG0
P/C*
P/C*
Port H
P*/C
P*/C
P*/C
P*/C
P*/C
[Legend]
P:
I/O port
A:
Address bus output
D:
Data bus input/output
C:
Control signals, clock input/output
*:
Immediately after a reset
Note:
Port H is not supported in the H8S/2424 Group.
3.4
Memory Map in Each Operating Mode
Figures 3.1 to 3.5 show memory maps in each operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com