Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1084 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1084 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1088Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1056 of 1270
REJ09B0466-0100
21.5.5
Block Erase
Write H'xx20 in the first bus cycle and H'xxD0 to the highest address (an even address) of the
target block in the second cycle; automatic erasure (erasing data and verifying the erased status)
starts in the specified block.
Completion of automatic erasure can be checked through the FMRDY bit in FLMSTR.
The FMRDY bit is 0 (busy) during automatic erasure and becomes 1 (ready) when erasure is
completed.
After automatic erasure is completed, the result can be checked through the FMERSF bit in
FLMSTR (refer to section 21.7, Full Status Check).
Figure 21.5 shows a flowchart of the block erase command processing.
In the EW0 mode, the read status register mode is entered as soon as automatic erasure starts, and
the status register can be read. The SR7 bit in the status register becomes 0 when automatic
erasure starts and returns to 1 when erasure is completed. In this case, the flash memory stays in
the read status register mode until a read array command is issued. If an erase error occurs, repeat
a sequence of the clear status register command -> block erase command at least three times until
no erase error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com