Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1083 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1083 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1087Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1083 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1055 of 1270
REJ09B0466-0100
After automatic writing is completed, the result can be checked through the FMPRSF bit in
FMRSTR (refer to section 21.7, Full Status Check).
Once an address is programmed, no additional data can be written to the address. Figure 21.4
shows a flowchart of the program command processing.
In the EW0 mode, the read status register mode is entered as soon as automatic writing starts, and
the status register can be read. The SR7 bit in the status register becomes 0 when automatic
writing starts and returns to 1 when writing is completed. In this case, the flash memory stays in
the read status register mode until a read array command is issued. After automatic writing is
completed, the result of writing can be checked by reading the status register.
NO
YES
Note: Write the command code and data to even addresses.
Start
Write command code "H'xx41"
to the target write address.
Write data to
the target write address.
FMRDY = 1?
Full status check
End of programming
Figure 21.4 Flowchart of Program Command Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com