Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1079 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1079 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1075Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1076Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1083Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1079 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1051 of 1270
REJ09B0466-0100
21.3.3
EW0 Mode
Setting the FMCMDEN bit in FLMCR1 to 1 shifts the flash memory into the user programming
mode, in which commands can be accepted. Figure 21.3 shows how to set and clear the EW0
mode.
Programming and erasure are controlled through software commands. The flash memory state
after programming or erasure can be checked through FLMSTR or the status register.
EW0 mode processing procedures
Single-chip mode or
memory-expanded mode
Transfer the programming control program
to an area outside the flash memory. *4
Set the FLSHE in SYSCR.
Set the FMCMDENT in FLMCR1 to 1
Set the CBIDB in FLMCR to 1
Write 0 to the FMCMDEN bit and then write 1
to it (user programming mode enabled).*1
Clear CBIDB to 0.
Execute software commands.
Execute a read array command.*2
Write 1 to the CBIDB bit (CPU programming mode
disabled).
Jump to a desired address in the flash memory.
Jump to the programming control program transferred
to an area outside the flash memory.
(The subsequent processing should be done by
the transferred programming control program.)
1.
2.
3.
To set the FMR01 bit to 1, write 0 to the bit and then write 1 to it
in a row.
Write to the FMR01 bit from an area outside the on-chip flash memory.
After a read array command, disable the CPU programming mode.
In the CPU programming mode, the PM10 and PM13 bits in PM1
become 1. Execute the programming control program in the on-chip RAM
or an external area that can be used while the PM13 bit is 1.
When using the 4-Mbyte mode while the PM13 bit is 1, do not use
the area where the access space is expanded (H'40000 to H'BFFFF).
Notes:
Programming control program*4
Figure 21.3 Setting and Clearing EW0 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com