Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1078 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1078 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1074Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1075Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1076Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1082Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1078 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1050 of 1270
REJ09B0466-0100
21.3.2
User Programming Mode
In the user programming mode, the flash memory can be programmed by the CPU through
execution of software commands. In this mode, the user ROM can be programmed without using a
ROM programmer with the microcomputer mounted on a system board.
The programming and block erase commands should be executed only in each block area of the
user program.
The user programming mode provides the erase/write 0 mode (EW0 mode). Table 21.4 gives an
overview of the EW0 mode specifications.
Table 21.4
EW0 Mode Specifications
Item
Description
Operating mode
• Single-chip mode
• Memory-expanded mode
Area for storing the programming
control program
User ROM
Area for executing the
programming control program
The programming control program should be transferred to an
area outside the flash memory (such as RAM) before
execution*
2
Programmable area
User ROM
Limitations on software
commands
None
Mode after programming or
erasure
Read status register mode
CPU state during automatic
programming or erasure
Operating*
1
Flash memory status detection
• Reading the FMPRSF and FMERSF bits in FLMSTR by a
program.
• Executing a read status register command to read the SR7,
SR5, and SR4 bits in the status register.
Notes: 1. Make sure that no interrupt (except NMI) or DMA transfer is generated.
2. In the user programming mode, the programming control program should be executed
in the on-chip RAM or an external area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com