Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1077 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1077 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1073Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1074Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1075Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1076Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1077Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1078Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1079Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1081Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1077 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1049 of 1270
REJ09B0466-0100
21.3.1
SCI Boot Mode
SCI boot mode executes programming/erasing of the user MAT by means of the control command
and program data transmitted from the externally connected host via the on-chip SCI_1.
In SCI boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The serial communication mode is set to asynchronous
mode. The system configuration in SCI boot mode is shown in figure 21.2. Interrupts are ignored
in SCI boot mode. Configure the user system so that interrupts do not occur.
RxD1
TxD1
Software for
analyzing
control
commands
(on-chip)
Flash
memory
On-chip
RAM
SCI_1
This LSI P27 and P26
MD2 to MD0
00
011
Host
Programming
tool and program
data
Control command,
program data
Response
Figure 21.2 System Configuration in SCI Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com