Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1090 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1090 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1094Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1090 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1062 of 1270
REJ09B0466-0100
FMPRSF = 1
and
FMERSF =1 ?
NO
YES
YES
NO
YES
NO
(1)
(2)
Execute a clear status register command to clear the FMPRSF and
FMERSF bits to 0 (successfully completed state).
Check if the command was input correctly, and execute it again.
(1)
(2)
Execute a clear stats register command to clear the FMERSF bit
to 0 (successfully completed state).
Execute a block erase command.
Repeat steps (1), (2), and (3) at least three times until no block erase
error occurs.
FMERSF = 0?
FMPRSF = 0?
End of
full status check
Full status check
Command sequence
error
Erase error
Programming error
. . .
. . .
. . .
Note: If an error still occurs, the block cannot be used.
Note: If an error still occurs, the block cannot be used.
(1)
(2)
Execute a clear stats register command to clear the FMPRSF bit
to 0 (successfully completed state).
Execute a block erase command again.
[During program execution]
Note:
When either the FMPRSF or FMERSF bit is 1 (ended with error), the program, block erase, and block blank check
commands are not accepted. Execute a clear status register command and then execute a desired command again.
Figure 21.7 Flowchart of Full Status Check Processing and Corrective Actions for Each
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com