Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1092 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1092 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1096Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1092 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1064 of 1270
REJ09B0466-0100
21.9
Serial Communication Interface Specification for Boot Mode
Initiating boot mode enables the boot program to communicate with the host by using the on-chip
SCI_I. The serial communication interface specification is shown below.
(1) Status
The boot program has three states.
1. Bit-Rate-Adjustment State
In this state, the boot program adjusts the bit rate to communicate with the host. Initiating boot
mode enables starting of the boot program and entry to the bit-rate-adjustment state. The
program receives the command from the host to adjust the bit rate. After adjusting the bit rate,
the program enters the inquiry/selection state.
2. Inquiry/Selection State
In this state, the boot program responds to inquiry commands from the host. The device name,
clock mode, and bit rate are selected. After selection of these settings, the program is made to
enter the programming/erasing state by the command for a transition to the
programming/erasing state. The program transfers the libraries required for erasure to the
RAM and erases the user MATs before the transition.
3. Programming/erasing state
Programming and erasure by the boot program take place in this state. The boot program is
made to transfer the programming/erasing programs to the RAM by commands from the host.
Sum checks and blank checks are executed by sending these commands from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com