Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1095 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1095 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1099Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1095 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1067 of 1270
REJ09B0466-0100
(3) Communications Protocol
After adjustment of the bit rate, the protocol for communications between the host and the boot
program is as shown below.
1. One-byte commands and one-byte responses
These commands and responses are comprised of a single byte. These are consists of the
inquiries and the ACK for successful completion.
2. n-byte commands or n-byte responses
These commands and responses are comprised of n bytes of data. These are selections and
responses to inquiries.
The amount of programming data is not included under this heading because it is determined
in another command.
3. Error response
The error response is a response to inquiries. It consists of an error response and an error code
and comes two bytes.
4. Programming of 128 bytes
The size is not specified in commands. The size of n is indicated in response to the
programming unit inquiry.
5. Memory read response
This response consists of 4 bytes of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com