Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1097 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1097 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1098Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1099Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1100Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1097 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1069 of 1270
REJ09B0466-0100
(4) Inquiry/Selection State
The boot program returns information from the flash memory in response to the host’s inquiry
commands and sets the device code, clock mode, and bit rate in response to the host’s selection
command.
Inquiry and selection commands are listed below.
Table 21.8
Inquiry and Selection Commands
Command
Command Name
Description
H'20
Supported Device Inquiry
Inquiry regarding device codes and product
name
H'10
Device Selection
Selection of device code
H'21
Clock Mode Inquiry
Inquiry regarding numbers of clock modes and
values of each mode
H'11
Clock Mode Selection
Indication of the selected clock mode
H'22
Multiplication Ratio Inquiry
Inquiry regarding the number of frequency-
multiplied clock types, the number of
multiplication ratios, and the values of each
multiple
H'23
Operating Clock Frequency
Inquiry
Inquiry regarding the maximum and minimum
values of the main clock and peripheral clocks
H'25
User MAT Information Inquiry
Inquiry regarding the number of user MATs
and the start and last addresses of each MAT
H'26
Block for Erasing Information
Inquiry
Inquiry regarding the number of blocks and the
start and last addresses of each block
H'27
Programming Unit Inquiry
Inquiry regarding the unit of programming data
H'3F
New Bit Rate Selection
Selection of new bit rate
H'40
Transition to
Programming/Erasing State
Erasing of user MAT and entry to
programming/erasing state
H'4F
Boot Program Status Inquiry
Inquiry regarding the operated status of the
boot program
The selection commands, which are device selection (H'10), clock mode selection (H'11), and new
bit rate selection (H'3F), should be sent from the host in that order. These commands will certainly
be needed. When two or more selection commands are sent at once, the last command will be
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com