Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1109 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1109 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1105Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1106Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1109 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1081 of 1270
REJ09B0466-0100
(6) Transition to Programming/Erasing State
The boot program will transfer the erasing program, and erase the user MATs. On completion of
this erasure, ACK will be returned and the programming/erasing state will be entered.
The host should select the device code, clock mode, and new bit rate with device selection, clock-
mode selection, and new bit-rate selection commands, and then send the command for the
transition to programming/erasing state. These procedures should be carried out before sending of
the programming selection command or program data.
Command
H'40
• Command, H'40, (one byte): Transition to programming/erasing state
Response
H'06
• Response, H'06, (one byte): Response to transition to programming/erasing state
The boot program will send ACK when the user MAT has been erased by the transferred
erasing program.
Error Response
H'C0
H'51
• Error code, H'51, (one byte): Erasing error
An error occurred and erasure was not completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com