Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 1110 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 1110 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 1106Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1107Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1108Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1109Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1110Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1111Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1112Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1113Page - Renesas Technology Corp H8S/2426 Datasheet HTML 1114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1110 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1082 of 1270
REJ09B0466-0100
(7) Command Error
A command error will occur when a command is undefined, the order of commands is incorrect,
or a command is unacceptable. Issuing a clock-mode selection command before a device selection
or an inquiry command after the transition to programming/erasing state command, are examples.
Error Response
H'80
H'xx
• Error response, H'80, (one byte): Command error
• Command, H'xx, (one byte): Received command
(8) Command Order
The order for commands in the inquiry/selection state is shown below.
1. A supported device inquiry (H'20) should be made to inquire about the supported devices.
2. The device should be selected from among those described by the returned information and set
with a device-selection (H'10) command.
3. A clock-mode inquiry (H'21) should be made to inquire about the supported clock modes.
4. The clock mode should be selected from among those described by the returned information
and set.
5. After selection of the device and clock mode, inquiries for other required information should
be made, such as the multiplication-ratio inquiry (H'22) or operating frequency inquiry (H'23),
which are needed for a new bit-rate selection.
6. A new bit rate should be selected with the new bit-rate selection (H'3F) command, according
to the returned information on multiplication ratios and operating frequencies.
7. After selection of the device and clock mode, the information of the user MAT should be made
to inquire about the user MATs information inquiry (H'25), erased block information inquiry
(H'26), and programming unit inquiry (H'27).
8. After making inquiries and selecting a new bit rate, issue the transition to
programming/erasing state command (H'40). The boot program will then enter the
programming/erasing state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com