Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 123Page - Renesas Technology Corp H8S/2426 Datasheet HTML 124Page - Renesas Technology Corp H8S/2426 Datasheet HTML 125Page - Renesas Technology Corp H8S/2426 Datasheet HTML 126Page - Renesas Technology Corp H8S/2426 Datasheet HTML 127Page - Renesas Technology Corp H8S/2426 Datasheet HTML 128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1302 page
background image
Section 4 Exception Handling
Rev. 1.00 Sep. 19, 2008 Page 99 of 1270
REJ09B0466-0100
4.7
Illegal Instruction Exception Handling
Illegal instruction exception handling starts when the CPU executing an illegal instruction code is
detected. Illegal instruction exception handling can be executed at all times in the program
execution state.
The illegal instruction exception handling is as follows:
1. The values in the PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the exception is generated, the
start address of the exception service routine is loaded from the vector table to the PC, and
program execution starts from that address.
Table 4.5 shows the status of CCR and EXR after execution of illegal instruction exception
handling.
Table 4.5
Status of CCR and EXR after Illegal Instruction Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
T
I2 to I0
0
1
2
1
0
Legend:
1:
Set to 1
0:
Cleared to 0
—: Retains value prior to execution
Illegal instruction codes will not be searched for in the fields that do not affect instruction
definitions, such as the EA extension or register fields. Instruction codes for an instruction formed
with several words are detected independently, and combined instruction codes are not detected.
Undefined instruction codes must not be executed. The general register contents after execution of
an undefined instruction code or illegal instruction exception handling cannot be guaranteed. The
stack pointer during illegal instruction exception handling and the PC value that will be saved are
also not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com