Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 127Page - Renesas Technology Corp H8S/2426 Datasheet HTML 128Page - Renesas Technology Corp H8S/2426 Datasheet HTML 129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 103 of 1270
REJ09B0466-0100
Section 5 Interrupt Controller
5.1
Features
• Two interrupt control modes
Any of two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the
interrupt control register (INTCR).
• Priorities settable with IPR
An interrupt priority register (IPR) is provided for setting interrupt priorities. Eight priority
levels can be set for each module for all interrupts except NMI. NMI is assigned the highest
priority level of 8, and can be accepted at all times.
• Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
• External interrupt pins
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
can be selected for NMI. Falling edge, rising edge, or both edge detection, or level sensing, can
be selected for
IRQn-A and IRQn-B.
Note:
n = 15 to 0 for H8S/2426 Group, n = 7 to 0 for H8S/2424 Group
• DTC and DMAC control
DTC and DMAC activations are performed by means of interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com