Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 169Page - Renesas Technology Corp H8S/2426 Datasheet HTML 170Page - Renesas Technology Corp H8S/2426 Datasheet HTML 171Page - Renesas Technology Corp H8S/2426 Datasheet HTML 172Page - Renesas Technology Corp H8S/2426 Datasheet HTML 173Page - Renesas Technology Corp H8S/2426 Datasheet HTML 174Page - Renesas Technology Corp H8S/2426 Datasheet HTML 175Page - Renesas Technology Corp H8S/2426 Datasheet HTML 176Page - Renesas Technology Corp H8S/2426 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 145 of 1270
REJ09B0466-0100
Section 6 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the external address space divided into
eight areas.
The bus controller also has a bus arbitration function, and controls the operation of the bus
mastership
the CPU, DMA controller (DMAC), EXDMA controller (EXDMAC)*, and data
transfer controller (DTC). A block diagram of the bus controller is shown in figure 6.1.
Note: * Not supported by the H8S/2424 Group.
6.1
Features
• Manages external address space in area units
Manages the external address space divided into eight areas of 2 Mbytes
Bus specifications can be set independently for each area
Burst ROM, DRAM, synchronous DRAM*
1, and address/data multiplexed I/O interfaces can
be set
• Basic bus interface
Chip select signals (
CS0 to CS7) can be output for areas 0 to 7
8-bit access or 16-bit access can be selected for each area
2-state access or 3-state access can be selected for each area
Program wait cycles can be inserted for each area
Extension cycles can be inserted while
CS is asserted for each area
Wait cycles can be inserted by the
WAIT pin
The negation timing of the read strobe signal (
RD) can be modified
• Burst ROM interface
Burst ROM interface can be set independently for areas 0 and 1
• Address/data multiplexed I/O interface
Address/data multiplexed I/O interface can be set for areas 6 and 7
• DRAM interface
DRAM interface can be set for areas 2 to 5
• Synchronous DRAM interface*1
Continuous synchronous DRAM space can be set for areas 2 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com