Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 172Page - Renesas Technology Corp H8S/2426 Datasheet HTML 173Page - Renesas Technology Corp H8S/2426 Datasheet HTML 174Page - Renesas Technology Corp H8S/2426 Datasheet HTML 175Page - Renesas Technology Corp H8S/2426 Datasheet HTML 176Page - Renesas Technology Corp H8S/2426 Datasheet HTML 177Page - Renesas Technology Corp H8S/2426 Datasheet HTML 178Page - Renesas Technology Corp H8S/2426 Datasheet HTML 179Page - Renesas Technology Corp H8S/2426 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 148 of 1270
REJ09B0466-0100
6.2
Input/Output Pins
Table 6.1 shows the pin configuration of the bus controller.
Table 6.1
Pin Configuration
Name
Symbol
I/O
Function
Address strobe
AS
Output
Strobe signal indicating that normal space
is accessed and address output on
address bus is enabled.
Address hold
AH
Output
Signal indicating the timing for latching the
address when the address/data
multiplexed I/O space is set.
Read
RD
Output
Strobe signal indicating that normal space
is being read.
High write/write enable
HWR/WE Output
Strobe signal indicating that normal space
is written to, and upper half (D15 to D8) of
data bus is enabled or DRAM space write
enable signal.
Low write
LWR
Output
Strobe signal indicating that normal space
is written to, and lower half (D7 to D0) of
data bus is enabled.
Chip select 0
CS0
Output
Strobe signal indicating that area 0 is
selected.
Chip select 1
CS1
Output
Strobe signal indicating that area 1 is
selected
Chip select 2/
row address strobe 2/
row address strobe*
1
CS2/
RAS2/
RAS*1
Output
Strobe signal indicating that area 2 is
selected, DRAM row address strobe signal
when area 2 is DRAM space or areas 2 to
5 are set as continuous DRAM space, or
row address strobe signal of the
synchronous DRAM when the
synchronous DRAM interface is selected.
Chip select 3/
row address strobe 3/
column address strobe*
1
CS3/
RAS3/
CAS*1
Output
Strobe signal indicating that area 3 is
selected, DRAM row address strobe signal
when area 3 is DRAM space, or column
address strobe signal of the synchronous
DRAM when the synchronous DRAM
interface is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com