Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 190Page - Renesas Technology Corp H8S/2426 Datasheet HTML 191Page - Renesas Technology Corp H8S/2426 Datasheet HTML 192Page - Renesas Technology Corp H8S/2426 Datasheet HTML 193Page - Renesas Technology Corp H8S/2426 Datasheet HTML 194Page - Renesas Technology Corp H8S/2426 Datasheet HTML 195Page - Renesas Technology Corp H8S/2426 Datasheet HTML 196Page - Renesas Technology Corp H8S/2426 Datasheet HTML 197Page - Renesas Technology Corp H8S/2426 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 166 of 1270
REJ09B0466-0100
6.3.8
Address/Data Multiplexed I/O Control Register (MPXCR)
MPXCR is used to make address/data multiplexed I/O interface settings.
Bit
Bit Name
Initial Value
R/W
Description
7
MPXE
0
R/W
Address/Data Multiplexed I/O Interface Enable
These bits select the bus interface for areas 6 and
7.
0: Basic bus interface
1: Address/data multiplexed I/O interface
6 to 1
All 0
R/W
Reserved
These bits can be read from or written to.
However, the write value should always be 0.
0
ADDEX
0
R/W
Address Output Cycle Extension
Specifies whether a wait cycle is inserted for the
address output cycle of the address/data
multiplexed I/O interface.
0: No wait cycle inserted
1: One wait cycle inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com