Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 193Page - Renesas Technology Corp H8S/2426 Datasheet HTML 194Page - Renesas Technology Corp H8S/2426 Datasheet HTML 195Page - Renesas Technology Corp H8S/2426 Datasheet HTML 196Page - Renesas Technology Corp H8S/2426 Datasheet HTML 197Page - Renesas Technology Corp H8S/2426 Datasheet HTML 198Page - Renesas Technology Corp H8S/2426 Datasheet HTML 199Page - Renesas Technology Corp H8S/2426 Datasheet HTML 200Page - Renesas Technology Corp H8S/2426 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 169 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
10
9
8
RMTS2
RMTS1
RMTS0
0
0
0
R/W
R/W
R/W
DRAM/Continuous Synchronous DRAM Space
Select
These bits designate DRAM/continuous
synchronous DRAM space for areas 2 to 5.
When continuous DRAM space is set, it is
possible to connect large-capacity DRAM
exceeding 2 Mbytes per area. In this case, the
RAS signal is output from the CS2 pin.
When continuous synchronous DRAM space is
set, it is possible to connect large-capacity
synchronous DRAM exceeding 2 Mbytes per area.
In this case, the
RAS, CAS, and WE signals are
output from
CS2, CS3, and CS4 pins,
respectively. When synchronous DRAM mode is
set, the mode registers of the synchronous DRAM
can be set.
000: Normal space
001: Normal space in areas 3 to 5
DRAM space in area 2
010: Normal space in areas 4 and 5
DRAM space in areas 2 and 3
011: DRAM space in areas 2 to 5
100: Continuous synchronous DRAM space
(setting possible only in H8S/2426R Group)
101: Synchronous DRAM mode setting (setting
possible only in H8S/2426R Group)
110: Setting prohibited
111: Continuous DRAM space in areas 2 to 5
7
BE
0
R/W
Burst Access Enable
Selects enabling or disabling of burst access to
areas designated as DRAM/continuous
synchronous DRAM space. DRAM/continuous
synchronous DRAM space burst access is
performed in fast page mode. When using EDO
page mode DRAM, the
OE signal must be
connected.
0: Full access
1: Access in fast page mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com