Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2426 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 196Page - Renesas Technology Corp H8S/2426 Datasheet HTML 197Page - Renesas Technology Corp H8S/2426 Datasheet HTML 198Page - Renesas Technology Corp H8S/2426 Datasheet HTML 199Page - Renesas Technology Corp H8S/2426 Datasheet HTML 200Page - Renesas Technology Corp H8S/2426 Datasheet HTML 201Page - Renesas Technology Corp H8S/2426 Datasheet HTML 202Page - Renesas Technology Corp H8S/2426 Datasheet HTML 203Page - Renesas Technology Corp H8S/2426 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 172 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
1
0
MXC2
MXC1
MXC0
0
0
0
R/W
R/W
R/W
Address Multiplex Select
These bits select the size of the shift toward the
lower half of the row address in row
address/column address multiplexing. In burst
operation on the DRAM/synchronous DRAM
interface, these bits also select the row address
bits to be used for comparison.
When the MXC2 bit is set to 1 while continuous
synchronous DRAM space is set, the address
precharge setting command (Precharge-sel) is
output to the upper column address. For details,
refer to sections 6.7.2 and 6.8.2, Address
Multiplexing.
DRAM interface
000: 8-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A8 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A9 used for
comparison
001: 9-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A9 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A10 used for
comparison
010: 10-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A10 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A11 used for
comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com