Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8190 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA8190
Description  TV SOUND CHANNEL WITH DC CONTROLS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8190 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA8190 Datasheet HTML 3Page - STMicroelectronics TDA8190 Datasheet HTML 4Page - STMicroelectronics TDA8190 Datasheet HTML 5Page - STMicroelectronics TDA8190 Datasheet HTML 6Page - STMicroelectronics TDA8190 Datasheet HTML 7Page - STMicroelectronics TDA8190 Datasheet HTML 8Page - STMicroelectronics TDA8190 Datasheet HTML 9Page - STMicroelectronics TDA8190 Datasheet HTML 10Page - STMicroelectronics TDA8190 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
R= 8
L
d = 10%
V (V)
s
R= 16
L
8
10
12
14 1618202224
26 28
0
1
2
3
4
P(W)
tot
Figure 13 : Power Dissipation versus Supply
Voltage (sine wave operation)
P
(W)
tot
P (W)
o
Ptot
η (%)
1
234
5
0
1
1.5
2
2.5
3
0
20
40
60
80
100
R= 16
L
η
Figure 14 : Power Dissipation and Efficiency
versus Output Power
V(V)
s
8
121620
24
28
0
5
10
15
20
V= 0
P2 = 12k
i
I S
Vo
I
(mA)
S
29
30
31
32
33
Vo
Figure 15 : Quiescent Drain and Quiescent Out-
put Voltage versus Supply Voltage
APPLICATION INFORMATION
(refer to the block diagram)
IF Amplifier-limiter
It is made by six differential stages of 15dB gain
each so that an open loop gain of 90dB is obtained.
While a unity DC gain is provided, the AC closed
loop gain is internally fixed at 70dB that allows a
typical input sensitivity of 50
µV.
The differential output signal is single ended by a
20dB gain amplifier that through a buffer stage,
feeds the detector system.
Internal diodes protect the inputs against over-
loads.
- Pin 2 is the IF non-inverting input
- Pin 3 is decoupled by a capacitor to open the AC
loop
- Pin 4 grounded by a capacitor, allows a typical
sensitivity of 50
µV. (see VCR facility too).
Low-pass Filter, Fm Detector And Amplifier
The IF signal is detected by converting the fre-
quency modulation into amplitude modulation and
then detecting it.
Since the available modulated signal is a square
wave, a 40 dB/decade low-pass filter cuts its har-
monics so that a sine wave can feed the two-reso-
nances external network L1, C8 and C9.
This network defines the working frequency value,
the amplitude of the recovered audio signal and its
distortion at the highest frequency deviations.
The two resonances f1 (series resonance) and f2
(parallel resonance) can be computed respectively
by :
XC9
=
XL1
⋅ XC8
XL1
+ XC8
and XL1 =XC8
TDA8190
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com